Part Number Hot Search : 
LT114 AD7001 4EF3T5 N2907A 2N6073A IRFH4210 E2030 CS9248
Product Description
Full Text Search
 

To Download U74AHC2G02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd U74AHC2G02 cmos ic www.unisonic.com.tw 1 of 5 copyright ? 2014 unisonic technologies co., ltd qw-r502-a55.a dual 2-input nor gate ? description the u74ahc2g32 is a high speed si-gate cmos device. the u74ahc2g32 provides two 2-input nor gates. tssop-8 ? features * symmetrical output impedance * high noise immunity * low power dissipation * balanced propagation delays * multiple package options * specified from -40 c to +125 c ? ordering information ordering number package packing lead free halogen free U74AHC2G02l-p08-t u74ahc 2g02g-p08-t tssop-8 tube U74AHC2G02l-p08-r U74AHC2G02g -p08-r tssop-8 tape reel
U74AHC2G02 cmos ic unisonic technologies co., ltd 2 of 5 www.unisonic.com.tw qw-r502-a55.a ? pin configuration ? pin configuration pin no symbol description 1, 5 1a, 2a data input 2, 6 1b, 2b data input 4 gnd ground (0v) 7, 3 1y, 2y data output 8 v cc supply voltage ? functional diagram ? function table input output na nb ny l l h l h l h l l h h l h=high voltage level; l=low voltage level.
U74AHC2G02 cmos ic unisonic technologies co., ltd 3 of 5 www.unisonic.com.tw qw-r502-a55.a ? absolute maximum rating parameter symbol conditions min typ max unit supply voltage v cc -0.5 +7.0 v input voltage v i -0.5 +7.0 v input clamping current i ik v i <-0.5v -20 ma output clamping current i ok v o <-0.5v or v o >v cc +0.5v 20 ma output current i o v o =-0.5v ~ (v cc +0.5v) 25 ma supply current i cc 50 ma ground current i gnd -50 ma power dissipation p d 300 mw storage temperature t stg -65 +150 c note: the input and output voltage ratings may be exceeded if the input and output current ratings are observed. ? recommended operating conditions parameter symbol test conditions min typ max unit supply voltage v cc 2 5 5.5 v input voltage v i 0 5.5 v output voltage v o 0 v cc v input transition rise and fall rate t/ v v cc =3.3v0.3v 100 ns/v v cc =5v0.5v 20 ambient temperature t a -40 +25 +125 c note: voltages are referenced to gnd (ground=0v). ? electrical characteristics (t a =25c , unless otherwise specified) parameter symbol test conditions min typ max unit high-level input voltage v ih v cc =2v 1.5 v v cc =3v 2.1 v cc =5.5v 3.85 low-level input voltage v il v cc =2v 0.5 v v cc =3v 0.9 v cc =5.5v 1.65 output voltage high-level v oh v cc =2v, i oh =-50 a 1.9 2.0 v v cc =3v, i oh =-50 a 2.9 3.0 v cc =4.5v, i oh =-50 a 4.4 4.5 v cc =3v, i oh =-4ma 2.58 v cc =4.5v, i oh =-8ma 3.94 output voltage low-level v ol v cc =2v, i ol =50 a 0.1 v v cc =3v, i ol =50 a 0.1 v cc =4.5v, i ol =50 a 0.1 v cc =3v, i ol =4ma 0.36 v cc =4.5v, i ol =8ma 0.36 input leakage current i i v cc =0 to 5.5v, v i = 5.5v or gnd 0.1 a quiescent supply current i cc v cc =5.5v, v i =v cc or gnd, i out =0 1 a
U74AHC2G02 cmos ic unisonic technologies co., ltd 4 of 5 www.unisonic.com.tw qw-r502-a55.a ? switching characteristics (t r = t f 3ns, t a =25c, unless otherwise specified) parameter symbol test conditions min typ max unit propagation delay from input (na, nb ) to output (ny) t plh / t phl v cc =3.30.3v c l =15pf 5.6 7.9 ns c l =50pf 8.1 11.4 ns v cc =50.5v c l =15pf 3.6 5.5 ns c l =50pf 5.1 7.5 ns ? capacitive characteristics (t a =25c , unless otherwise specified) parameter symbol test conditions min typ max unit input capacitance c i 4 10 pf power dissipation capacitance c pd no load, f i =1mhz 15 pf
U74AHC2G02 cmos ic unisonic technologies co., ltd 5 of 5 www.unisonic.com.tw qw-r502-a55.a ? test circuit and waveforms utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of U74AHC2G02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X